PART |
Description |
Maker |
JHV3480 JHV34 JHV3412 JHV3416 JHV3420 JHV3424 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 46; IFSM (A): 800; Vrwm (V): 8000; IR (µA): 6000; 12 A, SILICON, RECTIFIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
SHM80F SHM100F SHM20F SHM60F SHM140F SHM25F SHM40F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER 0.1 A, 6000 V, SILICON, SIGNAL DIODE 50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.15 A, 4000 V, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid States Devices, Inc Solid State Devices, Inc. Solid States Devices, I...
|
JHV37H2O PHV616 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 85; Vrwm (V): 20000; IR (µA): 50; 85 A, SILICON, RECTIFIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 15; IFSM (A): 400; Vrwm (V): 16000; IR (µA): 5000; 20 A, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
B1100LB-13-F |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc.
|
MBR1060CT-G1 MBR1060CTF-G1 MBR1060CTF-E1 MBR1060CT |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 5 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
SP50F FP50F FP75F SP25F FP25F SP75F FP150F FP100F |
High Voltage Rectifier Stacks 2.2 A, 10000 V, SILICON, RECTIFIER DIODE
|
Voltage Multipliers, Inc.
|
STTH12S06 STTH12S06FP |
12 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Turbo 2 ultrafast high voltage rectifier
|
STMicroelectronics
|
SI-A8000_3600-1.8 SI-A1125 SI-A1125_500-6 SI-A1750 |
High Voltage Si-Rectifier Modules Si-Hochspannungs-Gleichrichter Module 2.5 A, 8000 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
V20120SHM3-4W V20120S-M3-4W VI20120SHM3-4W VI20120 |
High-Voltage Trench MOS Barrier Schottky Rectifier 20 A, 120 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|